PART |
Description |
Maker |
KTR03EZPF KTR03EZPJ KTR03 |
High Voltage Resistance Chip Resistors
|
Rohm
|
KTR1808 |
High Voltage Resistance Chip Resistors
|
Rohm
|
CHR2520FC |
High Resistance Precision Chip Resistors
|
List of Unclassifed Manufacturers ETC
|
PS2832 PS2832-1 PS2832-1-F3 PS2832-1-F4 PS2832-1-V |
CONN CABLE ADPT PG 21/NPT 3/4,1 高隔离电压高集电极到发射极电压专科多光耦合 HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER 高隔离电压高集电极到发射极电压专科多光耦合 CONN CABLE ADPT PG 13.5/NPT 1/2,1 CONN CABLE ADPT PG 16/NPT 1/2,1 Power Resistor; Series:MK; Resistance:1kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded
|
NEC, Corp. NEC Corp. NEC[NEC]
|
CHS1210 CHS4020 CHS0603 CHS0805 CHS2512 CHS1206 |
High Resistance Thick Film chip Resistors
|
Riedon Powertron http://
|
HVC0402 HVC0603100MOHMS HVC1206 HVC2512 HVC4020 |
High Resistance, Thick Film Chip Resistors
|
Riedon Powertron
|
RL1220S-1R0-F RL0510S-1R0-F RL0816S-1R0-F |
low resistance value chip resistors with short-side electrodes for high-precision current detection. 低电阻值与短期的高精度电流检测端电极片式电阻
|
Electronic Theatre Controls, Inc.
|
IP78M15ADP IP78M15DP |
Power Resistor; Series:TWW; Resistance:20ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:350ppm/ C 3 TERMINAL LOW CURRENT 15 VOLT POSITIVE VOLTAGE REGULATOR
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2SK3652 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
2SK3731 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
MOX-2-13 MOX-2-12 MOX-1N121000FE MOX-1N121000GE MO |
Precision Thick Film Axial Terminal High Voltage/High Resistance
|
Ohmite Mfg. Co.
|